Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download EPC-880-09-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range Infrared, selective Type Integrated filter 23.05.2007 Technology GaAs
EPC-880-0.9-1
rev. 01/07 Electrodes P (anode) up
860
typ. dimensions (m)
typ. thickness 300 m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
O120
PD-08
Description Infrared-selective photodiode with narrow response range (810 - 950 nm) Applications Optical communications, safety equipment, light barriers
Miscellaneous Parameters
Tamb = 25C, unless otherwise specified Parameter Active area Operating temperature range Storage temperature range Test onditions Symbol A Tamb Tstg Value 0.72 -40 to +125 -40 to +125 Unit mm C C
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Reverse voltage3 Dark current Peak sensitivity Spectral range at 50 % Responsivity at P1 Responsivity at P2 IR = 10 A VR = 1 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 0 V Symbol VR ID P 0.5 S S 0,5 820 0.15 0.25 0.55 115 Min 5 1.0 890 935 2.5 Typ Max Unit V nA nm nm A/W A/W nm
Spectral bandwidth at 50%
1 2
Measured on bare covered chip on TO-18 header Measured on epoxy covered chip on TO-18 header 3 information only
Labeling
Type EP-880-0.9-1 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 2
Photodiode-Chip
Preliminary 23.05.2007
EPC-880-0.9-1
rev. 01/07
Typical spectral response [A/W]
0,6 0,5 0,4 0,3 0,2 0,1 0,0 700 750 800 850 900 Wavelength [nm] 950 1000
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-880-09-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X